Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download SB2020FCT06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB2020FCT - SB20100FCT
Pb
20A DUAL SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection Low Forward Voltage Drop C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I H L B
ITO-220 Dim Min Max 14.60 15.40 A 9.70 10.30 B 2.55 2.85 C 3.56 4.16 D 13.00 13.80 E 0.30 0.90 F 3.00 O 3.50 O G 6.30 6.90 H 4.20 4.80 I 2.50 2.90 J 0.36 0.80 K 2.90 3.30 L 2.29 2.79 P All Dimensions in mm
A
PIN1 2 3
Mechanical Data
! ! ! ! ! ! ! Case: ITO-220, Full Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.24 grams (approx.) Mounting Position: Any Mounting Torque: 11.5 cm-kg (10 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
E
PIN 1 -
+ PIN 2
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SB SB
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage @IF = 10A
Symbol VRRM VRWM VR VR(RMS) IO
SB
SB
SB
SB
SB
SB
20100FCT
2020FCT 2030FCT 2040FCT 2045FCT 2050FCT 2060FCT 2080FCT
Unit
20 14
30 21
40 28
45 32 20
50 35
60 42
80 56
100 70
V V A
IFSM VFM IRM Cj Tj, TSTG 0.55
200 0.75 0.5 100 1100 -65 to +150 0.85
A V mA pF C
Peak Reverse Current @TA = 25C At Rated DC Blocking Voltage @TA = 100C Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB2020FCT - SB20100FCT
1 of 4
(c) 2006 Won-Top Electronics
20
40
16
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
2020FCT - 2045FCT
20
12
2050FCT - 2060FCT 2080FCT - 20100FCT
8
10
4
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
250
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
200
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
150
1000
100
50
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB2020FCT - SB20100FCT
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE
SB20xxFCT WTE SB20xxFCT xx Polarity = Manufacturer's Logo = Device Number = 20, 30, 40, 45, 50, 60, 80 or 100 = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 525 x 31 x 6 Quantity (PCS) 50 Inner Box Size L x W x H (mm) 555 x 145 x 95 Quantity (PCS) 2,000 Carton Size L x W x H (mm) 572 x 306 x 218 Quantity (PCS) 8,000 Approx. Gross Weight (KG) 19.0
Note: 1. Anti-static tube, water clear color.
RECOMMENDED SCREW MOUNTING ARRANGEMENT
The full molded plastic package affords a major reduction of hardware as compared to a standard TO-220 package. However, precautions should be made in mounting procedure. A conical washer should be used to apply proper force to the device. Screw should not be tightened with any type of air-forced torque or equipment that may cause crack on device package. A layer of thermal grease or thermal pad in the interface will be considerably helpful for heat dissipation.
6-32 HEX Head Screw Plain Washer Rectifier Heatsink Conical Washer 6-32 HEX Nut
SB2020FCT - SB20100FCT
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB2020FCT SB2030FCT SB2040FCT SB2045FCT SB2050FCT SB2060FCT SB2080FCT SB20100FCT
1. 2.
Package Type
ITO-220 ITO-220 ITO-220 ITO-220 ITO-220 ITO-220 ITO-220 ITO-220
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, SB2020FCT-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SB2020FCT - SB20100FCT
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SB2020FCT06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X